PART |
Description |
Maker |
SI8822 |
VDS (V) = 20V ID = 7A (VGS=10V) Drain-Source Voltage VDS 20 V
|
TY Semiconductor Co., L...
|
KE3587-G |
N-channel:VDS=20V ID=4A Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
AMS431L AMS431LA AMS431LAL AMS431LAM AMS431LAM1 AM |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:Yes .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.045ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No 1.2V SHUNT REGULATOR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
KI4511DY |
TrenchFET Power MOSFET Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST63P56 ST6356 ST6357 ST6327 ST6326 ST63PXX ST6306 |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.8A; On-Resistance, Rds(on):0.062ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:8-1206; Leaded Process Compatible:No 8位微控制器HCMOS背驮式电视应 (ST63Pxx) 8 Bit HCMOS Piggyback MCUs for TV Applications 8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SP8910 SP8910KGMP1T SP8910KG SP8910KGMP1S |
5GHZ ±10 Fixed Modulus Divider 5GHZ 10 Fixed Modulus Divider 5GHZ ÷10 Fixed Modulus Divider(5GHZ ÷10超高速低功耗固定模数除法器) MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:100V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.028ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
SST4117 SST4118 SST4119 2N4117A 2N4118A 2N4118 2N4 |
MOSFET; Transistor Polarity:Dual P Channel; Drain Source Voltage, Vds:-12V; Continuous Drain Current, Id:-6.4A; On-Resistance, Rds(on):35mohm; Rds (SST4117 - SST4119) N-Channel JFET General Purpose Amplifier N-Channel JFET General Purpose Amplifier N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-72
|
CALOGIC[Calogic, LLC] Calogic LLC Calogic LLC
|
SI1303DL |
Drain-Source Voltage
|
TY Semiconductor Co., L...
|
SI1302DL |
Drain-Source Voltage
|
TY Semiconductor Co., L...
|